PART |
Description |
Maker |
HEDS-5120-A13 HEDT-9100 HEDS-5120-A14 HEDT-9101-I0 |
HEDT-9101#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9100#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HEDT-9001#A00 · High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules HIGH TEMPERATURE 125 DEGREE CELCIOUS TWO CHANNEL OPTICAL INCREMENTAL ENCODER MODULES ANALOG Replaced PQ025EH02ZPH High Temperature 125 degrees C Two Channel Optical Incremental Encoder Modules 高温125℃双通道光学增量编码器模 SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Avago Technologies, Ltd.
|
V23815-K1306-M230 V23814-K1306-M230 |
Parallel Optical Link: PAROLI Tx DC/MUX-ENC(并行光接收器) Parallel Optical Link: PAROLI Tx DC/MUX-ENC(并行光传送器)
|
SIEMENS AG
|
HEDT-9140 HEDT-9141100 HEDT-5140101 HEDT-5140102 H |
High Temperature 140-C Three Channel Optical Incremental Encoder Modules
|
HP[Agilent(Hewlett-Packard)]
|
ECW1J-B24-BC0024L ECW0J-J24-BC0006L ECW1D-B36-BC00 |
Digital Contacting Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE ENCODER-DIGITAL CONTACTING SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Encoders Digital Contacting Bushing Mount SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: Yes Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: No
|
Bourns Electronic Solutions Bourns Inc. Bourns, Inc. Cypress Semiconductor, Corp. Harwin PLC Bourns Electronic Solut...
|
OPE1275S-256 OPE2275S-256 |
ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-4 Incremental Shaft Encoder
|
TT electronics OPTEK Technology TT Electronics.
|
AEDS-9621210 AEDS-9620210 AEDS-962 AEDS-9621-210 A |
SINGLE, 2 CHANNELS, LINEAR OPTICAL POSITION ENCODER Ultra-small Optical Encoder Modules 300 LPI Ultra Small Optical Encoder Modules
|
AGILENT TECHNOLOGIES INC HP[Agilent(Hewlett-Packard)]
|
MLX90255BA |
Linear Optical Array
|
Melexis
|
IC-OG-BLCC20 |
ROTARY/LINEAR OPTICAL POSITION ENCODER
|
Rainbow Electronics, Corp.
|
BMD3P.24P4096-C0-J BMD3P.24N4096-C0-J |
SINGLE, LINEAR OPTICAL POSITION ENCODER
|
Ironwood Electronics
|
HEDS-9730Q53 HEDS-9731Q53 |
SINGLE, 2 CHANNELS, LINEAR OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|